Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download SR1030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 110 - to-220ab features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: to-220ab molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, lead free.  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds/ .25?,(6.35mm) from case.  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 1020 sr 1030 sr 1040 sr 1050 sr 1060 sr 1090 sr 10100 sr 10150 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a m aximum i nstantaneous f orward v oltage @ 5.0a v f 0.55 0.70 0.85 0.95 v 0.5 0.1 maximum d.c. reverse current @ tc=25 o c at rated dc blocking voltage @ tc=100 o c i r 15 10 5.0 ma ma typical junction capacitance (note 2) cj 310 pf typical thermal resistance (note 1) r jc 3.0 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. thermal resistance from junction to case per leg, mounted on heatsink size of 2? x 3? x 0.25? al-plate. 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. sr1020-sr10150 10.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (sr1020 thru sr10150) fig.2- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 2 5 10 20 100 50 50 150 100 200 250 300 number of cycles at 60hz fig.1- forward current derating curve average forward current. (a) 0 50 100 150 0 2.5 5 7.5 10 12.5 case temperature. ( c) o sr1020-1040 sr1050-10150 0 fig.4- typical reverse characteristics per leg 0 20 40 60 80 100 120 140 instantaneous reverse current .(ma) .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 fig.6- typical transient thermal impedance per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction capacitance.(pf) .1 .4 1.0 4 10 40 80 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.3- typical forward characteristics per leg if-instantaneous forward current. (a) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.5 1 10 50 forward voltage. (v) 0 3 5 sr1050-1060 sr1090-10100 sr1020-1040 sr10150 sr1020-sr10150 10.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR1030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X